Part Number Hot Search : 
NTE8085 STPS1 332M25V MAX16 S9006K ST63P58 ADV7181B ST63P58
Product Description
Full Text Search
 

To Download D2499 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SD2499
GENERAL DESCRIPTION
SILICON DIFFUSED POWER TRANSISTOR
Highvoltage,high-speed switching npn transistors in a plastic envelope with integrated efficiency diode,primarily for use in horizontal deflection circuites of colour television receivers
QUICK REFERENCE DATA
SYMBOL
TO-3PM
CONDITIONS VBE = 0V MIN
VCESM VCEO IC ICM Ptot VCEsat Icsat VF tf
PARAMETER Collector-emitter voltage peak value Collector-emitter voltage (open base) Collector current (DC) Collector current peak value Total power dissipation Collector-emitter saturation voltage Collector saturation current Diode forward voltage Fall time
Tmb 25 IC = 4.0A; IB = 0.8A f = 16KHz IF = 4.0A ICsat = 4.0A; f = 16KHz
1.5
MAX 1500 600 5 10 50 5 2.0 1.0
UNIT V V A A W V A V s
LIMITING VALUES
SYMBOL
VCESM VCEO IC ICM IB IBM Ptot Tstg Tj
PARAMETER Collector-emitter voltage peak value Collector-emitter voltage (open base) Collector current (DC) Collector current peak value Base current (DC) Base current peak value Total power dissipation Storage temperature Junction temperature
CONDITIONS VBE = 0V
Tmb 25
MIN -55 -
MAX 1500 600 5 10 2 50 150 150
UNIT V V A A A A W
ELECTRICAL CHARACTERISTICS
SYMBOL
ICE ICES VCEOsust VCEsat VBEsat hFE VF fT Cc ts tf
PARAMETER Collector cut-off current
Collector-emitter sustaining voltage Collector-emitter saturation voltages Base-emitter satuation voltage DC current gain Diode forward voltage Transition frequency at f = 5MHz Collector capacitance at f = 1MHz
Switching times(16KHz line deflecton circuit) Turn-off storage time Turn-off fall time
CONDITIONS VBE = 0V; VCE = VCESMmax VBE = 0V; VCE = VCESMmax Tj = 125 IB = 0A; IC = 100mA L = 25mH IC = 4.0A; IB = 0.8A IC = 4.0A; IB = 0.8A IC = 1A; VCE = 5V IF = 4.0A IC = 0.1A; VCE = 10V VCB = 10V IC=4A,IB(end)=0.8A,VCC=100V
IC=4A,IB(end)=0.8A,VCC=100V
MIN 8 1.5 1
MAX 1.0 2.5
UNIT mA mA V
0.35
5 1.5 40 2.0 230 1.0
V V V MHz pF s s
Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing.com
Tel:(852)2341 9276 Fax:(852)2797 8153 E-mail: wsccltd@hkstar.com


▲Up To Search▲   

 
Price & Availability of D2499

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X